Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IME013V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IME013V1
Description  USB connector to download stored waveforms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IME013V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IME013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IME013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IME013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IME013V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 2016
DocID028197 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IME013V1
Cost effective ultrasound pulser IC evaluation board based on
the STHV800
Data brief
Features
8-channel outputs: high voltage and low
voltage BNC connectors
Up to 4 memory locations to store user-
designed waveforms
USB connector to download stored
waveforms
Dedicated connectors to supply high voltage
and low voltage to the STHV800 output
stage
4 key button to quickly select the preferred
program
RoHS compliant
Description
The STEVAL-IME013V1 evaluation board is
designed around the STHV800 8-channel, 3-level
high-voltage ultrasound pulser IC, a state-of-the-
art device designed for ultrasound imaging
applications. The STEVAL-IME013V1 offers a
simple way to evaluate the ultrasound pulser IC,
thanks also to a graphical user interface.
Once the output waveforms are configured, they
can be displayed directly on an oscilloscope by
connecting the scope probe to the relative BNCs.


Similar Part No. - STEVAL-IME013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
USB connector to load own waveforms onto the board
04-Nov-2016
STEVAL-IME012V1 STMICROELECTRONICS-STEVAL-IME012V1 Datasheet
263Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
19-May-2016
More results

Similar Description - STEVAL-IME013V1

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5569 DYNEX-AN5569 Datasheet
440Kb / 4P
Standard Waveforms
logo
Fairchild Semiconductor
AN-7502 FAIRCHILD-AN-7502 Datasheet
205Kb / 9P
Power MOSFET Switching Waveforms
logo
Micross Components
FFP30S60S MICROSS-FFP30S60S Datasheet
736Kb / 3P
Low Stored Charge
logo
List of Unclassifed Man...
4007B ETC2-4007B Datasheet
1Mb / 2P
Sine and square waveforms up to 12 MHz
logo
STMicroelectronics
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
USB connector to load own waveforms onto the board
04-Nov-2016
logo
ATMEL Corporation
ATDH1150USB ATMEL-ATDH1150USB Datasheet
386Kb / 9P
ATF15xx CPLD JTAG ISP Download Cable
logo
Intel Corporation
PL-USB-BLASTER-RCN INTEL-PL-USB-BLASTER-RCN Datasheet
392Kb / 17P
Intel짰 FPGA Download Cable User Guide
2020.03.11
logo
DinTek Semiconductor Co...
DTGT15N120 DINTEK-DTGT15N120 Datasheet
1Mb / 9P
Soft current turn-off waveforms
DTGT15N120P DINTEK-DTGT15N120P Datasheet
1Mb / 7P
Soft current turn-off waveforms
DTGT15N135 DINTEK-DTGT15N135 Datasheet
1Mb / 8P
Soft current turn-off waveforms
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com