Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKU71 Datasheet(PDF) 4 Page - International Rectifier

Part # IRKU71
Description  THYRISTOR/ THYRISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKU71 Datasheet(HTML) 4 Page - International Rectifier

  IRKU71 Datasheet HTML 1Page - International Rectifier IRKU71 Datasheet HTML 2Page - International Rectifier IRKU71 Datasheet HTML 3Page - International Rectifier IRKU71 Datasheet HTML 4Page - International Rectifier IRKU71 Datasheet HTML 5Page - International Rectifier IRKU71 Datasheet HTML 6Page - International Rectifier IRKU71 Datasheet HTML 7Page - International Rectifier IRKU71 Datasheet HTML 8Page - International Rectifier IRKU71 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRKU/V71, 91 Series
4
Bulletin I27135 rev. F 10/02
www.irf.com
K1
G1
(4) (5)
+
K2 G2
-
-
(1)
(2)
(3)
(7) (6)
+
K2 G2
-
K1
G1
+
(1)
(2)
(4) (5)
(7) (6)
(3)
Outline Table
Dimensions are in millimeters and [inches]
IRKU
IRKV
NOTE: To order the Optional Hardware see Bulletin I27900
IRK
U
91
/
16
A
S90
Device Code
1
2
3
4
5
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration table)
3
-
Current code * *
4
-
Voltage code (See Voltage Ratings table)
5
-
A : Gen V
6
-
dv/dt code:
S90 = dv/dt 1000 V/µs
No letter = dv/dt 500 Vµs
Ordering Information Table
6
* * Available with no auxiliary cathode.
To specify change:
91 to 92
71 to 72
e.g. : IRKU92/16A etc.
IRK.92 types
With no auxiliary cathode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com