Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IPP003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPP003V1
Description  General purpose xPSK power line communication module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPP003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPP003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
December 2013
DocID025671 Rev 1
1/7
STEVAL-IPP003V1
General purpose xPSK power line communication module
Data brief
Features
• Insulation from the high voltage mains
• Interfaces included:
– USB interface
– Dual DC power supply
– Digital interface
– DC or AC insulated bus interface
• xPSK modulation with bitrate up to 28.8 kbps
• RoHS compliant
Description
The STEVAL-IPP003V1 evaluation board is a
PLM communication module that can be used for
a large set of applications, including metering,
building automation and street lighting. The
module is optimized to operate in CENELEC
bands, but can also work in FCC and ARIP bands
up to 250 kHz with a few modifications.
The module is based on the STM32F103RFT6
ARM Cortex-M3 microcontroller and the ST7580
xPSK narrow band power line modem with up to
28.8 kbps data rate. The MCU mounted on the
board can be easily replaced with an equivalent
64-pin MCU from the STM32F2 or STM32F4
family by a few modification in the assembly. The
module can be coupled to both AC and DC power
line buses and also includes a USB interface for
optional PC connection.
www.st.com


Similar Part No. - STEVAL-IPP003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
Complete solution for power line communication in metering applications
20-Oct-2011
STEVAL-IPP002V1 STMICROELECTRONICS-STEVAL-IPP002V1 Datasheet
322Kb / 16P
Energy measurement by an external metrology board
24-Aug-2011
More results

Similar Description - STEVAL-IPP003V1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
logo
STMicroelectronics
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
logo
Prosoft-Technology
MVI56-SMGC PROSOFT-MVI56-SMGC Datasheet
227Kb / 2P
SM General Communication Protocol Module
logo
Renesas Technology Corp
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com