Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA004V1
Description  Current mode control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2007
Rev 1
1/4
4
STEVAL-ISA004V1
VIPer22A-E dual-output evaluation board with 90 to 264 VAC input
and 10 W output
Features
■ Switch-mode general-purpose power supply
■ Input: 90 to 264 VAC 50/60 Hz
■ Output: 12 V @ 0.42 A and 5 V @ 1 A
■ Burst-mode operation in standby for Blue
Angel operation
■ Current mode control
■ Switching frequency: 60 kHz
■ 75% efficiency
■ Auxiliary undervoltage lockout with hysteresis
■ Output short-circuit protection
■ Thermal shutdown protection
■ Meets EN55022 Class B EMI specification
Description
This evaluation board is an offline, wide-range,
VIPer22A-E dual-output power supply with a
switching frequency of 60 kHz and is set up for
secondary regulation with an optocoupler. One
output delivers 5 V at 1 A and a second output
delivers 12 V at 0.42 A, making for a total output
power of 10 W. The evaluation board meets Blue
Angel Norms, consuming less than 1 W total
when working in standby mode. The board
operates in burst mode when both the output
loads are reduced to zero and the output voltages
still remain regulated.
STEVAL-ISA004V1
www.st.com
Downloaded from Elcodis.com electronic components distributor


Similar Part No. - STEVAL-ISA004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
More results

Similar Description - STEVAL-ISA004V1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
Primary current mode control, and secondary voltage mode control
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com