Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA005V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA005V1
Description  Switch mode general purpose power supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA005V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA005V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General circuit description
STEVAL-ISA005V1
2/5
1
General circuit description
Input capacitor C1 is charged from line via a one way rectifier consisting of diodes D1 and
D2. Two diodes in series are used for EMI reasons to sustain burst pulses of 2kV.
Capacitor C1 together with capacitor C2 and inductor L1 forms an EMI filter. The DC voltage
at C2 is then applied to the VIPer12 that works as a high side switch. It means that the IC
and corresponding supply and feedback loop circuitry is floating. The IC supply circuit
consists of the high voltage diode D4, ceramic capacitor C7, low voltage diode D7 and
capacitor C4. The voltage feedback loop is provided via zener diode D3, resistor R3 and
capacitor C6. The diode D7 between capacitor C7 and C4 ensures proper start-up of the
converter.
Thanks to this diode the feedback loop circuit is separated from the supply circuit. The
VIPer12 internal start-up current source charges the IC supply capacitor C4 to a specified
start-up threshold voltage of about 16V. As soon as the voltage of C4 reaches the start-up
threshold, the internal 60kHz oscillator sets the internal flipflop and the internal highside
Power MOSFET is turned on through the output driver. The Power MOSFET applies the
bulk capacitor C1 and C2 high voltage to the power diode cathode and to one terminal of the
inductor. Since the voltage at the output capacitor C3 connected to the inductor's second
terminal is much lower than the input bulk capacitor voltage, inductor current will ramp-up.
As soon as the inductor current ramp reaches the VIPer's internal set-point defined by the
feedback loop, the internal power switch turns off. The inductor keeps the direction of the
current flowing and it reverses the voltage at C3. The inductor current then flows through the
forward biased D5 diode and charges output capacitor C3.
In this switch-off phase the VIPer12 source terminal sees a negative level of the forward
biased D5 (when referenced to ground) so it can be considered as grounded. This allows
the inductor current to flow also through D4, supply the VIPer12 and give the feedback
information concerning the output voltage. The converter output voltage at the 15V terminal
is determined by the voltage drop across zener diode D3 together with the voltage drop
across the resistor R3 and FB pin voltage. Resistor R3 limits the feedback current to a safe
value lower than the maximum rating specified in the datasheet. Capacitor C6 protects the
FB input against EMI. Regulator U2 accommodated in a DPAK or SO-8 package is optional
and can be assembled if the power supply for a microcontroller or logic part is required. The
DPAK package version of U2 is dedicated for 60mA output current option while the U3 in
SO-8 package provides a maximum output current of 20mA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com