Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA008V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA008V1
Description  Overcurrent protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA008V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA008V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18217 Rev 1
1/4
4
STEVAL-ISA008V1
Low cost wide range power supply for LCD or TV,
28 W output demonstration board based on the VIPer53-E
Features
■ Input voltage
– Vin: 90 - 264 Vrms f: 45-66 Hz
■
Output voltages
– 3.3 V ± 2 % at 1 A - dedicated to panel and
digital circuitry for scaling
– 7 V ± 8 % at 0.2 A - dedicated to post-
regulator for microprocessor
– 12 V ± 8 % at 2 A - dedicated to backlight
lamp inverters, audio and SCART
– 35 V ± 10 % at 10 mA - dedicated to tuner
for TV-LCD
■
Standby
– Input power less than 1 W at 230 Vac,
delivering 30 mA on 7 V
■
Overcurrent protection
– On all outputs, with auto-restart at short
removal
■
PCB type & size
– Cu single side 35 mm, CEM-1, 130 x 70
mm
■
Safety
– According to EN60950, creepage and
clearance minimum distance 6.4 mm
■
Emc
– According to EN50022 Class B
■ RoHS compliant
Description
The STEVAL-ISA008V1 demonstration board is a
28 W switch mode power supply which can be
used to supply an LCD monitor or even an LCD-
TV, with 15" or 17" panels and 2 lamps for
backlight together with multimedia functions such
as audio. The SMPS accepts a full range input
voltage (90 to 265 Vrms) and can deliver four
output voltages dedicated to the scaler (3.3 V), to
the mP (7 V), to the backlight and audio (12 V),
and to the TV tuner (35 V).
The standby performance is very good, and the
power consumption during standby is 800 mW at
230 Vac.
The circuit is also fully protected against faults
such as output short-circuit or overvoltage.
The design pays particular attention to the final
cost of the solution, so the PCB has been
designed as single layer, and the circuit has no
heat sink. The technology used is the standard
through-holes, but can be easily changed to SMT
as most of the components are available also in
this technology. The circuit has been tested
thoroughly in all the most relevant aspects with
positive results and has been integrated with a
15" LCD-TV application without showing any
problems.
STEVAL-ISA008V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-ISA008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA004V1 STMICROELECTRONICS-STEVAL-ISA004V1 Datasheet
65Kb / 4P
Current mode control
28-Nov-2007
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
More results

Similar Description - STEVAL-ISA008V1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
logo
Tyco Electronics
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
Overcurrent Protection Device
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
Overcurrent Protection Device
AHEF750 LITTELFUSE-AHEF750 Datasheet
263Kb / 2P
Overcurrent Protection Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com