Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA060V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA060V1
Description  6 W single output SMPS demonstration board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA060V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA060V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA060V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA060V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA060V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2009
Rev 1
1/4
4
STEVAL-ISA060V1
6 W single output SMPS demonstration board
based on the VIPER17
Features
■ Input voltage range Vin: 90 VRMS to 265
VRMS
■ Output voltage Vout: 12 V
■ Max output current Iout: 500 mA
■ Precision of output regulation
∆Vout_LF: ±5%
■ High frequency output voltage ripple
∆Vout_LF: 50 mV
Description
This demonstration board is based on the new
VIPER17 device and implements a standard
single-output isolated flyback converter operating
at fixed frequency that can be 115 kHz or 60 kHz.
The VIPER17 device integrates in the same
package two components: an advanced PWM
controller with built-in BCD6 technology and an
800 V avalanche rugged vertical power MOSFET.
It is very suitable for offline power conversion
operating either with wide range input voltage (85
VAC - 270 VAC) up to 6 W or with single range
input voltage (85 VAC - 132 VAC or 175 VAC - 265
VAC). With European range input voltage (175
VAC - 265 VAC) the device can handle up to 10 W
of output power.
The proposed solution has the advantage of using
few external components compared to a discrete
solution, providing several protections and very
low standby consumption in no-load condition.
The protections present on the device such as
overload and output overvoltage protections,
secondary winding short-circuit protection, hard
transformer saturation and brownout protections
improve the reliability and safety of the design.
The frequency jittering, that is inside
implemented, helps to meet the standards
regarding electromagnetic disturbance.
Moreover internal thermal shutdown and an 800 V
avalanche rugged power MOSFET improve the
robustness of all the system.
If brownout and overvoltage protection are not
necessary, the number of external components is
further reduced.
STEVAL-ISA060V1
www.st.com


Similar Part No. - STEVAL-ISA060V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
4 A DC output current
06-Jun-2012
More results

Similar Description - STEVAL-ISA060V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA058V1 STMICROELECTRONICS-STEVAL-ISA058V1 Datasheet
215Kb / 4P
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
26-Aug-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
AN3407 STMICROELECTRONICS-AN3407 Datasheet
3Mb / 25P
Resonant driver for LED SMPS demonstration board
30-Aug-2011
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
6 W single-output VIPer17 demonstration board
19-Oct-2009
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com