Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTS2000 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # PDTS2000
Description  TWO-WAY IN- PHASE POWER DIVIDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PDTS2000 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  PDTS2000 Datasheet HTML 1Page - Teledyne Technologies Incorporated PDTS2000 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
10 TO 2000 MHz
TWO-WAY IN-PHASE POWER DIVIDER
PDTS2000
Typical Values
PDTS2000
Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-2000 MHz†
Insertion Loss . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.75 dB
Amplitude Balance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.05 dB
Phase Balance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.5 Deg.
VSWR (All Ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2:1
Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
25.0 dB
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 to +125 °C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . .
-54 to +100 °C
Maximum Input Power
. . . . . . . . . . . . . . . . . . . . . . . . .
1 Watt
Internal Load Dissipation . . . . . . . . . . . . . . . . . . . . . . .
100 mW
Surface Mount Package for Power Divider
* Measured in a 50-ohm system.
† Usable to 3000 MHz.
PDTS2000
Parameter
Frequency
Typical
Guaranteed
-55 to +85 °C
Input VSWR Ratio
10-500 MHz
1.25:1
1.4:1
(Max.)
500-2000 MHz
1.15:1
1.3:1
Output VSWR Ratio
10-500 MHz
1.2:1
1.5:1
(Max.)
500-1000 MHz
1.15:1
1.3:1
1000-2000 MHz
1.18:1
1.3:1
Insertion Loss (Max.)
10-500 MHz
0.5 dB
1.0 dB
500-1000 MHz
1.0 dB
1.25 dB
1000-1500 MHz
1.2 dB
1.5 dB
1500-2000 MHz
1.5 dB
2.0 dB
Amplitude Balance
10-500 MHz
±0.05 dB
±0.1 dB
(Max.)
500-1000 MHz
±0.05 dB
±0.2 dB
1000-1500 MHz
±0.05 dB
±0.3 dB
1500-2000 MHz
±0.05 dB
±0.4 dB
Phase Balance (Max.)
10-500 MHz
±0.1 Deg.
±1.0 Deg.
500-1000 MHz
±0.4 Deg.
±2.0 Deg.
1000-1500 MHz
±0.6 Deg.
±3.0 Deg.
1500-2000 MHz
±0.75 Deg.
±4.0 Deg.
Isolation (Min.)
10-50 MHz
25.0 dB
15.0 dB
50-500 MHz
27.0 dB
20.0 dB
500-2000 MHz
25.0 dB
20.0 dB


Similar Part No. - PDTS2000

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PDTS1000 TELEDYNE-PDTS1000 Datasheet
146Kb / 2P
TWO-WAY IN-PHASE POWER DIVIDER
More results

Similar Description - PDTS2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PD10-0041-S MACOM-PD10-0041-S Datasheet
14Kb / 1P
Two-Way In-Phase Power Divider 0.4 - 400 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
logo
SIRENZA MICRODEVICES
PS-2-4000S SIRENZA-PS-2-4000S Datasheet
87Kb / 1P
IN-PHASE TWO-WAY POWER COMBINER/DIVIDER 20-4000 MHz
logo
M/A-COM Technology Solu...
DS-109-DS-319 MA-COM-DS-109-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
Plug-In Two-Way Power Divider
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
Two-Way Power Divider
DS-DSS-113 MA-COM-DS-DSS-113 Datasheet
94Kb / 3P
Two-Way Power Divider
DSS-113 MA-COM-DSS-113_15 Datasheet
601Kb / 4P
Two-Way Power Divider
DS-DSS-313 MA-COM-DS-DSS-313 Datasheet
528Kb / 4P
Two-Way Power Divider
logo
Teledyne Technologies I...
PDTS1000 TELEDYNE-PDTS1000 Datasheet
146Kb / 2P
TWO-WAY IN-PHASE POWER DIVIDER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com