Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA105V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA105V1
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA105V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA105V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA105V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA105V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA105V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is information on a product in full production.
August 2012
Doc ID 023539 Rev 1
1/4
4
STEVAL-ISA105V1
Power supply for energy meter and power line modem
based on the ALTAIR04-900
Databrief
Features
■ Min. operating voltage Vacmin: 90 Vac
■ Max. operating voltage Vacmax: 265 Vac, 440
Vmax
■ Topology: quasi-resonant flyback converter,
primary side regulation
■ Mains frequency fL: 50 Hz +/-3 Hz
■ Input/output isolation: yes, Galvanic isolation
>2.7 KV
■ Nominal output voltage:
– 5 V/70 mA nominal, 1 A max.
– 3.3 V/30 mA nominal, 150 mA max.
– 12 V/2 mA nominal, 100 mA max.
– 5 V_ISO/2 mA nominal, 80 mA max.
■ Total output power Pout: 1 W nominal, 7.5 W
(during transmission mode)
■ Typical efficiency @ 230 Vac: > 75%
■ Output voltage pk-pk ripple: < 100 mV
■ Protection: short-circuit protection
■ Reflected voltage of transformer, VR: 100 V
■ RoHS compliant
Description
The STEVAL-ISA105V1 demonstration board
implements a power supply based on a quasi-
resonant mode of operation using ST primary
side ALTAIR04-900 flyback switch.
The ALTAIR04-900 is a high-voltage all-primary
sensing switcher intended for operating directly
from the rectified mains with minimum external
parts. It combines a high-performance low voltage
PWM controller chip and a 900 V avalanche-
rugged power section in the same package.
The controller is a current-mode specifically
designed for offline quasi-resonant flyback
converters. The device is capable of providing
constant output voltage using all primary sensing
feedback. This eliminates the need for the
optocoupler, the secondary voltage reference, as
well as the current sensor, while still maintaining
quite accurate regulation.
www.st.com


Similar Part No. - STEVAL-ISA105V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
More results

Similar Description - STEVAL-ISA105V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com