Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA110V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-ISA110V1
Description  12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA110V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-ISA110V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Line/load regulation and output voltage ripple
STEVAL-ISA110V1
6/10
Doc ID 024123 Rev 1
4
Line/load regulation and output voltage ripple
The output voltage of the board has been measured in different line and load conditions:
Figure 3.
Line regulation
Figure 4.
Load regulation
Vin[V]
AM11557v1
11.9
12
12.1
12.2
12.3
80
105
130155
180205
230255
0
25%
50%
75%
100%
AM11558v1
11.9
12
12.1
12.2
12.3
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
Iout[A]
90
115
230
265
Figure 5.
Efficiency vs. VIN
Figure 6.
Efficiency vs. load
60
65
70
75
80
85
90
95
100
80
110
140
170
200
230260
Vin[Vac]
25%
50%
75%
100%
AM11565v1
AM11566v1
75
77
79
81
83
85
87
89
0.2
0.4
0.6
0.8
1
Iout[A]
90
115
230
265



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com