Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA113V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-ISA113V1
Description  Wide range single-output demonstration board based on the VIPER06HS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA113V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-ISA113V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Measurements
STEVAL-ISA113V1
6/11
Doc ID 024140 Rev 1
Figure 8.
Active mode efficiency vs. VIN IC
externally biased (J1selected)
Figure 9.
Active mode efficiency vs. VIN IC
self-biased (J1 not selected)
AM11538v1
60
65
70
75
80
85
80
110
140
170
200
230
260
V
IN[VAC]
AM11539v1
60
65
70
75
80
85
80
110
140
170
200
230260
V
IN[VAC]
Figure 10.
Input voltage averaged efficiency
vs. load IC externally biased
(J1 selected)
Figure 11.
Input voltage averaged efficiency
vs. load IC self-biased
(J1 not selected)
AM11540v1
60
65
70
75
80
85
0.05
0.1
0.15
0.2
0.25
0.3
0.350.4
I
OUT [A]
AM11541v1
60
65
70
75
80
85
0.05
0.1
0.15
0.2
0.25
0.3
0.350.4
I
OUT [A ]
Figure 12.
PIN vs. VIN at no load and light load:
IC externally biased (J1 selected)
Figure 13.
PIN vs. VIN at no load and light load:
IC self-biased (J1 not selected)
AM11543v1
0
50
100
150
200
80105
130155
180205
230255
V
IN [VAC]
0
25mW
50mW
AM11544v1
0
50
100
150
200
250
300
350
400
80105
130155
180205
230255
V
IN [VAC]
0
25mW
50mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com