Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA118V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA118V1
Description  Offline converter for wide range input voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA118V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA118V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA118V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA118V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA118V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA118V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024064 Rev 1
1/5
5
STEVAL-ISA118V1
Offline power converter demonstration board using the Viper16
Data brief
Features
■ Offline converter for wide range input voltage
■ Output power: up 6 W
■ No need for auxiliary winding (selectable
option)
■ 30 mW standby consumption (with auxiliary
winding)
■ High efficiency tested in accordance with the
ENERGY STAR® active mode method
■ EMI test pre-compliant to EN55022 Class B
■ RoHS compliant
Description
The STEVAL-ISA118V1 is an offline power
converter in flyback topology with jittered fixed
frequency. The board uses the VIPer16, allowing
the application to handle up to approximately 6 W
over a wide input voltage range, and up to about
10 W in the European single input voltage range.
The VIPer16 can operate with or without an
auxiliary winding; both options are implemented
on the board. When operating with the auxiliary
winding, it can achieve very low standby
consumption. Available protection features
include thermal shutdown with hysteresis,
delayed overload and open-loop failure
protection.
www.st.com


Similar Part No. - STEVAL-ISA118V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
More results

Similar Description - STEVAL-ISA118V1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1144 LINER-LTC1144 Datasheet
235Kb / 8P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
LTC1144 LINER-LTC1144_15 Datasheet
208Kb / 12P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
logo
Global Mixed-mode Techn...
G5356 GMT-G5356 Datasheet
62Kb / 1P
Wide AC Input Range Controller IC for Offline LED Lamps
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com