Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA119V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA119V1
Description  High frequency output voltage ripple
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA119V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA119V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA119V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA119V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA119V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2013
DocID024486 Rev 1
1/4
4
STEVAL-ISA119V1
1.5 W double output buck demonstration board based on the
VIPER16LD
Data brief
Features
• Input voltage range (VIN): 90 VRMS to 265
VRMS
• Output voltage 1 (VOUT1) = 12 V
• Max output current 1: (IOUT1) = 0.1 A
• Output voltage 2: (VOUT2) = 5 V (through LDO)
• Max output current 2: (IOUT2)= 0.05 A
• Precision of output regulation ΔVOUT_LF = ±5%
• High frequency output voltage ripple
ΔVOUT_HF = 50 mV
• Max ambient operating temperature TA = 60 °C
Description
The STEVAL-ISA119V1 is a dual output buck
demonstration board using the VIPER16LD, a
new off-line high voltage converter by
STMicroelectronics which has been specifically
developed for non-isolated SMPS.
Output regulation is easily achieved through a
voltage divider to the output voltage.
The VIPER16LD can work with or without an
external supply. In the former case, very low
standby consumption is possible(< 50 mW at
265 Vac) while in the latter case, the cost and
complication of the IC supply network may be
reduced.
The other features of the device include an 800 V
avalanche-rugged power section, PWM operation
at 60 kHz with frequency jittering for lower EMI,
limiting current with adjustable set point, on-board
soft-start and safe auto-restart after a fault
condition.
The available protection features are thermal
shutdown with hysteresis and delayed overload
protection.
www.st.com


Similar Part No. - STEVAL-ISA119V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
More results

Similar Description - STEVAL-ISA119V1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
QPO-2L Low Voltage Output Ripple Attenuator
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 SII-S-1172 Datasheet
654Kb / 34P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136 Datasheet
229Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1138 UTC-L1138_11 Datasheet
247Kb / 7P
HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH HIGH RIPPLE-REJECTION
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Vicor Corporation
QPO-2 VICOR-QPO-2 Datasheet
370Kb / 11P
QPO-2 Low Voltage Output Ripple Attenuator
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com