Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM58342V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58342V
Description  MM58342 High Voltage Display Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58342V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM58342V Datasheet HTML 1Page - National Semiconductor (TI) MM58342V Datasheet HTML 2Page - National Semiconductor (TI) MM58342V Datasheet HTML 3Page - National Semiconductor (TI) MM58342V Datasheet HTML 4Page - National Semiconductor (TI) MM58342V Datasheet HTML 5Page - National Semiconductor (TI) MM58342V Datasheet HTML 6Page - National Semiconductor (TI) MM58342V Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC Electrical Characteristics T
A = −40˚C to +85˚C, VDD =5V ±0.5V (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Enable Input
(Note 5)
t
ES
Set-Up Time
100
ns
t
EH
Hold Time
100
ns
t
CDO
Data Output
C
L =50 pF
500
ns
Clock Low to Data Out
Time
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Molded DIP Package, Board Mount,
θJA = 52˚C/W, derate 19.2 mW/˚C above 25˚C.
Note 3: Molded DIP Package, Socket Mount,
θJA = 58˚C/W, derate 17.2 mW/˚C above 25˚C.
Note 4: 74LSTTL VOH = 2.7V @ IOUT = −400 µA, TTL VOH = 2.4V @ IOUT = −400 µA.
Note 5: For timing purposes, the signals ENABLE and BLANK can be considered to be totally independent of each other.
Note 6: AC input waveform specification for test purposes: tr,tf ≤ 20 ns, f = 800 kHz, 50% ±10% duty cycle.
Note 7: Clock input rise and fall times must not exceed 5 µs.
Connection Diagrams
Plastic Chip Carrier
00792508
Top View
Order Number MM58342V
See NS Package Number V28B
Functional Description
This product is specifically designed to drive multiplexed or
non-multiplexed high voltage alphanumeric or dot matrix
vacuum fluorescent (VF) displays. Character generation is
done externally in the microprocessor, with a serial data path
to the display driver. The MM58342 uses three signals,
DATA IN, CLOCK and ENABLE, where ENABLE acts as an
external load signal. Display blanking can be achieved by
means of the BLANKING CONTROL input, and a logic “1”
will turn off all sections of the display. A block diagram of the
MM58342 is shown in
Figure 1.
Figure 2 shows the pinout of the MM58342 device, where
output 1 (pin 12) is equivalent to bit 1 (i.e., the first bit of data
to be loaded into the shift register following ENABLE high). A
logic “1” at the input will turn on the corresponding display
digit/segment/dot output.
A significant reduction in discrete board components can be
achieved by use of the MM58342, because external
Dual-In-Line Package
00792502
Top View
Order Number MM58342N
See NS Package Number N28B
FIGURE 2.
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com