Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1213 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SA1213
Description  Silicon Planar Epitaxial Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1213 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1213 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1213 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1213 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA1213 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Planar Epitaxial Transistor
2SA1213
E040
www.gmicroelec.com
Rev.A
1
FEATURES
Low saturation voltage
High speed switching time
Small flat package
PC=1.0 to 2.0W(mounted on ceramic substrate)
Complementary to 2SC2873
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1213
NO/NY
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-2
A
IB
Base Current
-0.4
A
PC
Collector Dissipation
500
1000(Note1)
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Note1:Mounted on ceramic substrate(250mm2*0.8t)
Pb
Lead-free


Similar Part No. - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
203Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1213 TOSHIBA-2SA1213 Datasheet
200Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
TRANSYS Electronics Lim...
2SA1213 TEL-2SA1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1213 KEXIN-2SA1213 Datasheet
501Kb / 3P
Power Switching Applications
More results

Similar Description - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com