Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA138V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA138V1
Description  Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA138V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA138V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ISA138V1
19 V - 90 W adapter with PFC for laptop computers using the
L6563H and L6699
Data brief
Features
•
Universal input mains range: from 90 to 264
Vac - frequency from 45 to 65 Hz
•
Output voltage: 19 V at 4.75 A continuous
operation
•
Mains harmonics: meets EN61000-3-2
Class-D and JEITA-MITI Class-D
•
No load mains consumption: in accordance
with ENERGY STAR 2.0 for external power
supplies
•
Average efficiency: in accordance with
ENERGY STAR 2.0 for external power
supplies
•
Light load efficiency: in accordance with ErP
Lot 6 Tier2 requirements
•
EMI: within EN55022-Class-B limits
•
Safety: meets EN60950 standards
•
Dimensions: 65 x 151 mm, 25 mm maximum
component height
•
PCB: double-side, 70 µm, FR-4, mixed
PTH/SMT
•
RoHS compliant
Description
The STEVAL-ISA138V1 solution evaluation
board is a 90 W, wide-range mains, power-factor
corrected, AC-DC adapter. Its electrical
specifications are tailored to a typical hi-end
portable computer power adapter.
The architecture is based on a two-stage
approach: a front-end PFC pre-regulator based
on the L6563H TM PFC controller and a
downstream LLC resonant half bridge converter
using the new L6699 resonant controller. Thanks
to the chipset used, the main features of this
design are very high overall efficiency,
compliance with ENERGY STAR® eligibility
criteria (EPA rev. 2.0 EPS), high efficiency even
at light load, and compliance with the new ErP
Lot 6 Tier2 requirements. No load input power
consumption is very low also, well within the
international regulation limits.
The controller of the LLC stage is the L6699,
integrating innovative functions such as self-
adjusting adaptive dead-time, anti-capacitive
mode protection and proprietary "safe-start"
procedure to prevent hard switching at startup.
November 2013
DocID025490 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results

Similar Description - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
logo
List of Unclassifed Man...
1344184 ETC2-1344184 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1344537 ETC2-1344537 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1345123 ETC2-1345123 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1347369 ETC2-1347369 Datasheet
92Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1352275 ETC2-1352275 Datasheet
92Kb / 2P
Made in accordance with the performance requirements of Federal Spec
logo
STMicroelectronics
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com