Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA139V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA139V1
Description  350 mA valley current limit adjustable step-down regulator based on the PM6644
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA139V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA139V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2014
DocID026819 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA139V1
350 mA valley current limit adjustable step-down regulator based
on the PM6644
Data brief
Features
4.5 V to 25 V input voltage range
Fixed 3.43 V or adjustable 0.9 V to 5 V
Reference accuracy = +-1%, Tj=0 °C to
85 °C
380 mA maximum output current
Constant on-time control with current sense
Programmable switching frequency in PWM
mode
Pulse skipping mode (skip mode) at light
loads
Independent EN signal
Latched OVP and UVP
High accuracy 3.3 V reference voltage
Description
This product evaluation board is based on
STMicroelectronics' PM6644. The device
combines a 350 mA valley current limit step-down
regulator with a high accuracy 3.3 V voltage
reference in a small DFN10 3x3 package.
The switching regulator is based on a CoT
(constant on time) architecture that assures fast
load transient response. The embedded voltage
feed-forward provides nearly constant switching
frequency operation. Pulse-skipping is employed
to increase efficiency at very light load. The
switching frequency can be adjusted from 200
kHz to 600 kHz by means of a simple resistor.
The switching regulator can be programmed to
regulate a fixed value of 3.43 V or it can deliver
an adjustable voltage, depending on the FB pin
setup. The high precision integrated 3.3 V
reference can source up to 5 mA.


Similar Part No. - STEVAL-ISA139V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results

Similar Description - STEVAL-ISA139V1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
STMicroelectronics
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
High-efficiency monolithic synchronous step-down regulator based on the L6928
06-Oct-2011
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com