Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA143V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA143V1
Description  12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA143V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA143V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID025362 Rev 2
1/5
STEVAL-ISA143V1
12 V - 150 W resonant converter with synchronous rectification
using the L6563H, L6699 and SRK2000
Data brief
Features
• Input mains range: 90 - 264 VAC, 45 - 65 Hz
• Output voltage: 12 V at 12.5 A continuous
operation
• Mains harmonics: in accordance with
EN61000-3-2 Class-D or JEITA-MITI Class-D
• No load consumption: < 0.15 W according to
European CoC Tier 2 for external power
supplies
• Minimum four points average efficiency in
active mode: > 89% according to European
CoC Tier 2 for external power supplies
• Minimum efficiency in active mode at 10% load
of full rated output current: > 79% according to
European CoC Tier 2 for external power
supplies
• Light load efficiency: complies with ErP Lot 6
Tier 2 (> 50% @ 250 mW)
• Efficiency at nominal load: > 91% at 115 VAC
• EMI: in accordance with EN55022 Class-B
• Safety: in accordance with EN60950
• Dimensions: 65 x 154 mm, maximum
component height = 28 mm
• PCB: double-sided, 70 µm, FR-4, mixed
PTH/SMT
• RoHS compliant
www.st.com


Similar Part No. - STEVAL-ISA143V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results

Similar Description - STEVAL-ISA143V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
logo
STMicroelectronics
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
AN4026 STMICROELECTRONICS-AN4026 Datasheet
994Kb / 40P
using the L6563H and L6699
23-Jul-2012
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563H
06-Sep-2010
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com