Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA144V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA144V1
Description  1.5 A step-down switching regulator evaluation board based on the L5983
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA144V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA144V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2014
DocID025361 Rev 1
1/4
STEVAL-ISA144V1
1.5 A step-down switching regulator evaluation board
based on the L5983
Data brief
Features
• 1.5 A DC output current
• 2.9 V to 18 V input voltage
• Output voltage adjustable from 0.6 V to 16 V
• 250 kHz switching frequency, programmable
up to 1 MHz
• Internal soft-start and inhibit
• Low dropout operation: 100% duty cycle
• Zero-load current operation
• Overcurrent and thermal protection
• VFQFPN8 3 mm x 3 mm package
• RoHS compliant
Description
The STEVAL-ISA144V1 product evaluation board
provides the design engineer with a fully
functional step-down switching regulator with an
output current of up to 1.5 A. The L5983
integrates STMicroelectronics’ step-down
switching regulator, together with all the external
components required for a typical application.
The rated voltage of the input capacitor and
Schottky diode rectifier’s repetitive peak reverse
voltage are both 25 V, making the board capable
of covering the entire 2.9 V - 18 V input voltage
range of the L5983 device.
The board features an external resistor divider
(R1 and R2) designed for an output voltage of
3.3 V.
The output voltage can be set to a level from
0.6 V up to the rated voltage of the output
capacitor (16 V).
The compensation network on the evaluation
board allows the use of MLCC as output filter to
keep the loop stable. The inductor saturation
current and forward current of the Schottky diode
are within the current limit values.
The switching frequency on the board is set to
500 kHz by means of the R5 resistor connected to
pin Fsw.
www.st.com


Similar Part No. - STEVAL-ISA144V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results

Similar Description - STEVAL-ISA144V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
02-Feb-2016
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com