Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJS4151P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJS4151P
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4151P Datasheet(HTML) 1 Page - ON Semiconductor

  NTJS4151P Datasheet HTML 1Page - ON Semiconductor NTJS4151P Datasheet HTML 2Page - ON Semiconductor NTJS4151P Datasheet HTML 3Page - ON Semiconductor NTJS4151P Datasheet HTML 4Page - ON Semiconductor NTJS4151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 3
1
Publication Order Number:
NTJS4151P/D
NTJS4151P
Trench Power MOSFET
−20 V, −4.2 A, Single P−Channel, SC−88
Features
Leading Trench Technology for Low RDS(ON) Extending Battery Life
SC−88 Small Outline (2x2 mm) for Maximum Circuit Board
Utilization, Same as SC−70−6
Gate Diodes for ESD Protection
Pb−Free Package is Available
Applications
High Side Load Switch
Cell Phones, Computing, Digital Cameras, MP3s and PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25 °C
ID
−3.3
A
TA = 85 °C
−2.4
t ≤ 5 s
TA = 25 °C
−4.2
Power Dissipation
(Note 1)
Steady
State
TA = 25 °C
PD
1.0
W
Pulsed Drain Current
tp = 10 ms
IDM
−10
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
−1.3
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
ESD
Human Body Model (HBM)
ESD
4000
V
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State
RqJA
125
°C/W
Junction−to−Ambient − t ≤ 5 s
RqJA
75
Junction−to−Lead – Steady State
RqJL
45
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
Top View
http://onsemi.com
SC−88 (SOT−363)
D
D
S
D
D
6
5
4
1
2
3
V(BR)DSS
RDS(on) Typ
ID Max
47 mW @ −4.5 V
70 mW @ −2.5 V
180 mW @ −1.8 V
−4.2 A
G
−20 V
SC−88/SOT−363
CASE 419B
MARKING DIAGRAM &
PIN ASSIGNMENT
TY M G
G
1
6
1
TY
= Device Code
M
= Date Code
G
= Pb−Free Package
DD
S
DD
G
(Note: Microdot may be in either location)
See detailed ordering and shipping information ion page 4 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NTJS4151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTJS4151PT1 ONSEMI-NTJS4151PT1 Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTJS4151PT1G ONSEMI-NTJS4151PT1G Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTJS4151PT1G VBSEMI-NTJS4151PT1G Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTJS4151P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
Trench Power MOSFET
FMM300-0055P IXYS-FMM300-0055P Datasheet
46Kb / 2P
Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
Trench Power MOSFET
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
Trench Power MOSFET
FMM140-004PL IXYS-FMM140-004PL Datasheet
32Kb / 2P
Trench Power MOSFET
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
Trench Power MOSFET
January, 2013 ??Rev. 3
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com