Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJS4151PT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJS4151PT1
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4151PT1 Datasheet(HTML) 3 Page - ON Semiconductor

  NTJS4151PT1 Datasheet HTML 1Page - ON Semiconductor NTJS4151PT1 Datasheet HTML 2Page - ON Semiconductor NTJS4151PT1 Datasheet HTML 3Page - ON Semiconductor NTJS4151PT1 Datasheet HTML 4Page - ON Semiconductor NTJS4151PT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTJS4151P
http://onsemi.com
3
0
1
2
3
4
024
68
VGS = −1.8 V
VGS = −2.0 V
VGS = −2.4 V
VGS = −2.8 V to 6.0 V
VGS = −1.6 V
VGS = −1.0 V
VGS = −1.4 V
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
0
1
2
3
4
5
01
2
3
4
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 2. On−Region Characteristics
VDS w −10 V
0
0.1
0.2
0.3
0.4
0.5
02
46
ID = −3.3 A
TJ = 25°C
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
VGS = −1.8 V
TJ = 25°C
−ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = −3.3 A
VGS = 4.5 V
100
1000
10000
100000
04
8
12
16
20
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 150°C
VGS = −1.2 V
.
0
0.1
0.2
0.3
0.4
0.5
0.6
12
3
4
5
VGS = −2.5 V
VGS = −4.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com