Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA158V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA158V1
Description  Embedded output voltage supervisor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA158V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA158V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA158V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA158V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA158V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA158V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2015
DocID027297 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA158V1
38 V, 2 A synchronous step-down switching regulator evaluation
board based on the A6986
Data brief
Features
4 V to 38 V operating input voltage
Low consumption mode or low noise mode
30 µA IQ at light load (LCM VOUT = 3.3 V)
5 µA IQ-SHTDWN
Adjustable fSW (250 kHz - 2 MHz)
Output voltage adjustable from 0.85 V to VIN
Embedded output voltage supervisor
Synchronization
Adjustable soft-start time
Internal current limiting
Overvoltage protection
Output voltage sequencing
Peak current mode architecture
RDS(on)HS
= 180 mΩ; RDS(on)LS = 150 mΩ
Thermal shutdown
RoHS compliant
Description
The STEVAL-ISA158V1 is a product evaluation
board based on ST's A6986, a 38 V, 2 A
synchronous step-down switching regulator with
30 µA of quiescent current. It is designed for
automotive system battery-powered applications.
It can be used in low consumption mode (LCM)
such as in car body implementations, or in low
noise mode (LNM) such as in car audio
applications.


Similar Part No. - STEVAL-ISA158V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
More results

Similar Description - STEVAL-ISA158V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
Voltage Supervisor
2005
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
Smart voltage supervisor
27-May-2008
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
Smart voltage supervisor
09-Apr-2008
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
UT01VS50L Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com