Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA160V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA160V1
Description  AECQ100 qualification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA160V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA160V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2016
DocID029028 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA160V1
3 A / 2.3 MHz step-down synchronous switching regulator based
on the AST1S31HF in a DFN 3x3 package
Data brief
Features
AECQ100 qualification
3 A DC output current
2.8 V to 4 V input voltage
Output voltage adjustable from 0.8 V
2.3 MHz switching frequency
Internal soft-start and enable
Integrated 70 mΩ and 55 mΩ power
MOSFETs
All ceramic capacitor
Power good (POR)
Cycle by cycle current limiting
Current fold back short circuit protection
VFDFPN 3x3 - 8L package
RoHS compliant
Description
The STEVAL-ISA160V1 evaluation board is
based on the AST1S31HF internally
compensated 2.3 MHz fixed-frequency PWM
synchronous step-down regulator.
The device operates on a 2.8 V to 4.0 V input
voltage and provides a regulated output voltage
from as low as 0.8 V up to Vin.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
All the components on the evaluation board are
automotive grade.


Similar Part No. - STEVAL-ISA160V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA161V1 STMICROELECTRONICS-STEVAL-ISA161V1 Datasheet
234Kb / 5P
Full set of protection features
November 2014 Rev 2
STEVAL-ISA169V1 STMICROELECTRONICS-STEVAL-ISA169V1 Datasheet
218Kb / 4P
Dual gate drive for N-channel MOSFETs
April 2015 Rev 1
More results

Similar Description - STEVAL-ISA160V1

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
Reliability Qualification Report
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A Datasheet
47Kb / 4P
SPI EEPROM Product Qualification
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
Qualification Test Report on NE292
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
Device Qualification
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
Qualification Test Report
logo
Intersil Corporation
ISL6367CRZ INTERSIL-ISL6367CRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
SnapLED Qualification Reliability Testing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com