Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA161V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA161V1
Description  Full set of protection features
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA161V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA161V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA161V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA161V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA161V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA161V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2014
DocID027028 Rev 2
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA161V1
Evaluation board for the SEA01 constant voltage and current
controller with online digital trimming
Data brief
Features
Universal input mains range: 90 to 264 Vac,
45 to 66 Hz
65 W continuous output power
Precise output levels:
CV: 19 V ± 0.1%
CC: 3.75 A ± 1.67%
No load consumption < 100 mW @ 230 Vac
Average efficiency > 89%
Full set of protection features
EMI: in accordance with EN55022 - class B
Safety: in accordance with EN60950
PCB: CEM-1, single side 35 µm
Board size: 58 x 121 mm, 25 mm height
RoHS compliant
Description
The STEVAL-ISA161V1 is an evaluation board to
test the performance of the SEA01 constant
voltage and current controller with online digital
trimming from STMicroelectronics. The board
implements a 65 W adapter, targeting
applications such as power supplies for high-end
portable computers. The board uses the SEA01
as secondary side CV/CC controller, allowing the
application to satisfy very precise output voltage
and current regulations thanks to the digital
trimming technique employed. The primary side
PWM controller is the L6566B. This device drives
a TM flyback topology, the best fit for this type of
application.
The SEA01 is mounted on a small daughterboard
that includes a connector to communicate, via I²C
protocol, with an external trimming tool. This
evaluation board can therefore be useful also as
a means to test the benefits of digital trimming in
a real application. The SEA01, housed in an SO8
package, is a CV/CC controller which includes 2
transconductance op-amps and 2 voltage
references, digitally trimmable using an I²C
interface. ST also offers an advanced trimming
board (STEVAL-PCC019V1) that allows users to
perform all the trimming operations (including
automatic trimming) using a standard Windows®-
based PC.


Similar Part No. - STEVAL-ISA161V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA160V1 STMICROELECTRONICS-STEVAL-ISA160V1 Datasheet
218Kb / 4P
AECQ100 qualification
February 2016 Rev 1
STEVAL-ISA169V1 STMICROELECTRONICS-STEVAL-ISA169V1 Datasheet
218Kb / 4P
Dual gate drive for N-channel MOSFETs
April 2015 Rev 1
More results

Similar Description - STEVAL-ISA161V1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Xilinx, Inc
DS031 XILINX-DS031 Datasheet
2Mb / 318P
Summary of Features
DS083 XILINX-DS083 Datasheet
3Mb / 430P
Summary of Features
XC2V1000-4FGG256I XILINX-XC2V1000-4FGG256I Datasheet
2Mb / 318P
Summary of Features
XC2V1000-5FGG456C XILINX-XC2V1000-5FGG456C Datasheet
2Mb / 318P
Summary of Features
XC2V1500-4FFG896C XILINX-XC2V1500-4FFG896C Datasheet
2Mb / 318P
Summary of Features
XC2V4000 XILINX-XC2V4000 Datasheet
1Mb / 311P
Summary of Features
XC2VP2 XILINX-XC2VP2 Datasheet
3Mb / 430P
Summary of Features
XC2VP30-6FF896I XILINX-XC2VP30-6FF896I Datasheet
2Mb / 432P
Summary of Features
logo
Monolithic Power System...
EVHFC0500-S-00A MPS-EVHFC0500-S-00A Datasheet
1,017Kb / 13P
Full Features Controller EV Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com