Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA170V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA170V1
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA170V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA170V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA170V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA170V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA170V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 2015
DocID027701 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA170V1
12 V - 150 W resonant converter with synchronous rectification
based on L6563H, L6699 and SRK2001
Data brief
Features
Universal input mains range: from 90 to 264
Vac; 45 to 66 Hz
12 V - 150 W continuous output power
Light load: according to EuP Lot 6 Tier 2
Average efficiency > 91% in accordance
with ENERGY STAR® 6.1
No load consumption < 0.15 W at 230 Vac,
in accordance with European CoC ver. 5
Tier 2
EMI: in accordance with EN55022 Class-B
Safety: in accordance with EN60950
PCB: double side, 70 µm, FR-4, mixed
PTH/SMT
Board size: 65 x 154 mm, 28 mm height
RoHS compliant
Description
STEVAL-ISA170V1 is a 150 W converter tailored
to a typical specification for an all-in-one (AIO)
computer power supply or a high power adapter.
The architecture is based on a two-stage
approach: a front-end PFC pre-regulator based
on the L6563H TM PFC controller and a
downstream LLC resonant half-bridge converter
using the L6699 resonant controller.
The L6699 integrates some very innovative
functions such as self-adjusting adaptive dead-
time, anti-capacitive mode protection and a
proprietary “safe-start” procedure that prevents
hard switching at startup. The innovative adaptive
synchronous rectification controller SRK2001
allows maximum efficiency in all load conditions.
Thanks to the chipset used, the main feature of
this power supply is its very high efficiency, which
is compliant with ENERGY STAR® eligibility
criteria for adapters and computers. The power
supply also has very good efficiency at light load,
and compliance with EuP Lot 6 Tier 2
requirements. No load input power consumption
is very low as well, and within the international
regulation limits.


Similar Part No. - STEVAL-ISA170V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
Meets STCOMET smart meter and power
29-Apr-2016
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results

Similar Description - STEVAL-ISA170V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com