Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA176V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA176V1
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA176V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA176V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA176V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA176V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA176V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA176V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2015
DocID028457 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA176V1
ALTAIR05T-800 5 W wide range CV-CC optoless adapter
evaluation board
Data brief
Features
Universal input mains range: 90 - 264 V AC,
frequency 45-65 Hz
Output voltage: 5 V @ 1 A continuous
operation
Optoless constant voltage - constant current
output regulation
Standby mains consumption: < 100 mW @
230 V AC
Average efficiency: >70%
EMI: in accordance with EN55022-Class-B
RoHS compliant
Description
The STEVAL-ISA176V1 evaluation board
implements a 5 W (5 V / 1 A) wide-range mains
battery charger with constant voltage/constant
current, tailored for AC-DC chargers for mobile
phones and adapters or other hand-held
equipment.
The core of the application is the ALTAIR05T-
800, the first “all-primary sensing switching
regulator” of the ALTAIR family.
The IC combines a high-performance, low-
voltage PWM controller chip and an 800 V,
avalanche-rugged power MOSFET in the same
package.
The PWM chip is a quasi-resonant (QR) current
mode controller IC specifically designed for QR
ZVS (zero voltage switching at switch turn-on)
flyback converters.
The device is capable of providing constant
output voltage (CV) and constant output current
(CC) regulation using primary-sensing feedback.
This eliminates the need for the optocoupler, the
secondary voltage reference and the current
sensor, while still maintaining quite accurate
regulation.
In addition, it is possible to compensate the
voltage drop on the output cable to improve CV
regulation on the externally accessible terminals.
Extremely low consumption under no load
conditions is ensured thanks to controlled burst
mode operation that, along with the built-in high
voltage startup circuit and the low operating
current of the device, helps minimize the residual
input consumption. Although an auxiliary winding
is required in the transformer to correctly perform
CV/CC regulation, the chip can be powered
directly from the rectified mains. This is useful
particularly during CC regulation, where the
flyback voltage is generated by the winding
drops.


Similar Part No. - STEVAL-ISA176V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA170V1 STMICROELECTRONICS-STEVAL-ISA170V1 Datasheet
537Kb / 4P
RoHS compliant
April 2015 Rev 1
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
Meets STCOMET smart meter and power
29-Apr-2016
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results

Similar Description - STEVAL-ISA176V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
3.5W CV/CC Adapter using TNY264P
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
logo
STMicroelectronics
AN3093 STMICROELECTRONICS-AN3093 Datasheet
1Mb / 29P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
11-Jan-2011
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
Wide CV value range
logo
STMicroelectronics
STEVAL-SMACH15V1 STMICROELECTRONICS-STEVAL-SMACH15V1 Datasheet
235Kb / 5P
15 W 5 V output USB adapter evaluation board with STCH03 CC-mode primary sensing switching controller
Rev 1 - June 2018
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com