Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA177V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA177V1
Description  5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA177V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA177V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA177V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA177V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA177V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID029259 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA177V1
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
Data brief
Features
Universal AC main input voltage range:
85VAC to 265VAC
Output range: 5 V / 0.85 A
Rated output power: 4.25 W
Input power in standby @ 230 VAC: < 9 mW
Active mode efficiency: > 74%
EMI: according to EN55022-Class-B
RoHS compliant
Description
The STEVAL-ISA177V1 evaluation board
implements a wide-range converter in flyback
non isolated topology, delivering 0.85 A on a 5 V
output for general purpose applications.
The core of the application is the new VIPer01
offline high voltage converter from the VIPerPlus
range that intelligently integrates an 800 V
rugged power MOSFET with PWM current-mode
control.
The main characteristics of the evaluation board
are its single layer, small size with minimal BOM,
high efficiency and low standby consumption.


Similar Part No. - STEVAL-ISA177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA170V1 STMICROELECTRONICS-STEVAL-ISA170V1 Datasheet
537Kb / 4P
RoHS compliant
April 2015 Rev 1
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
Meets STCOMET smart meter and power
29-Apr-2016
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results

Similar Description - STEVAL-ISA177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com