Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCEL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCEL
Description  PTC Thermistors, Inrush current limiter and Energy Load-Dump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCEL Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCEL Datasheet HTML 1Page - Vishay Siliconix PTCEL Datasheet HTML 2Page - Vishay Siliconix PTCEL Datasheet HTML 3Page - Vishay Siliconix PTCEL Datasheet HTML 4Page - Vishay Siliconix PTCEL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTCEL
www.vishay.com
Vishay BCcomponents
Revision: 31-May-16
2
Document Number: 29165
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OUTLINE AND DIMENSIONS in millimeters
REQUIRED NUMBER OF PTC THERMISTORS TO LIMIT CURRENT AND ABSORB ENERGY
By using several PTC’s in a series / parallel network, the maximum current limitation and absorbed energy levels can be further
optimized. For homogeneous current and energy distribution it is recommended to combine only PTCEL of the same size and
matched resistance value. Energy absorption per PTC in a network depends on current distribution in the network and as such
on the individual PTC resistance value. PTCEL thermistors might be used in a series connection to further lower the inrush
current, but not to increase the maximum allowed voltage levels. Following formula may be used to calculate the minimum
number of PTCEL thermistors required in a DC link or other capacitor bank application to properly charge or discharge a given
amount of energy without follow current:
N
Notes
• N is the number of PTCEL required in the network.
• C is the total capacitor value to charge or discharge in F.
• V is the maximum DC voltage on the capacitor C.
•Cth is the thermal capacity of one PTC in [J/K] (see table).
•Tsw is the minimum switching temperature of the PTCEL (130 °C).
•Tamb is the maximum ambient temperature at which the PTC needs to operate.
H2
H3
L1
d
F
DT
COMPONENT DIMENSIONS in millimeters
PTCEL13
PTCEL17
D
13 max.
17 max.
H1
17 max.
21 max.
H2
3 ± 1
3 ± 1
d
0.6 ± 0.06
0.8 ± 0.08
L1
20 min.
20 min.
F
5 ± 0.8
5 ± 0.8
T
7.0 max.
7.5 max.
C x V
2
2
x C
th x
T
sw - Tamb

---------------------------------------------------------------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com