Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC521 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC521 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC521 Datasheet HTML 1Page - Vishay Siliconix SIC521 Datasheet HTML 2Page - Vishay Siliconix SIC521 Datasheet HTML 3Page - Vishay Siliconix SIC521 Datasheet HTML 4Page - Vishay Siliconix SIC521 Datasheet HTML 5Page - Vishay Siliconix SIC521 Datasheet HTML 6Page - Vishay Siliconix SIC521 Datasheet HTML 7Page - Vishay Siliconix SIC521 Datasheet HTML 8Page - Vishay Siliconix SIC521 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
2
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC521 and SiC521A Pin Configuration
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
ZCD_EN#
ZCD control. Active low
2VCIN
Supply voltage for internal logic circuitry
3, 23
CGND
Analog ground for the driver IC
4
BOOT
High-side driver bootstrap voltage
5
PHASE
Return path of high-side gate driver
6 to 8, 25
VIN
Power stage input voltage. Drain of high-side MOSFET
9 to 11, 17, 18, 20, 26
PGND
Power ground
12 to 16
VSWH
Switch node of the power stage
19, 24
GL
Low-side gate signal
21
VDRV
Supply voltage for internal gate driver
22
PWM
PWM control input
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
SiC521CD-T1-GE3
PowerPAK® MLP4535-22L
SiC521
5 V PWM optimized
SiC521ACD-T1-GE3
SiC521A
3.3 V PWM optimized
SiC521ADB and SiC521DB
Reference board
1
2
3
4
5
ZCD_EN#
V
CIN
C
GND
BOOT
PHASE
16
15
14
13
12
V
SWH
V
SWH
V
SWH
V
SWH
V
SWH
11
10
9
8
7
6
17
18
19
20
21
22
P
GND
26
V
IN
25
C
GND
23
GL
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com