Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP-V413PS Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # CP-V413PS
Description  Flush Mount Video-Grade Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CP-V413PS Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  CP-V413PS Datasheet HTML 1Page - Pulse A Technitrol Company CP-V413PS Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER
® CP-V413PS
Flush Mount Video-Grade Splitter
Z-BLOCKER® CP-V413PS VDSL2 Video-Grade NID Splitter Module
Electrical
DC Loop Current
0 to 100 mA
DC Voltage (tip-to-ring)
-60 Vdc
Ringing Signals
103 Vrms, 20 to 30 Hz
DC Resistance (tip-to-ring)
< 25 Ω with line open
DC Resistance (tip-to-ground, ring-to-ground)
≥ 5 mΩ with line open
POTS Insertion Loss
< 1.0 dB @ 1004 Hz; Short Loop
< 0.75 dB @ 1004 Hz; Long Loop
DSL to Line Insertion Loss
< 0.5 dB; 25 KHz to 30 MHz
Attenuation Distortion
+1.5 to -1.5 dB; 200 to 3400 Hz, Short Loop
+2.0 to -2.0 dB; 3400 to 4000 Hz, Short Loop
+0.5 to -1.5 dB; 200 to 3400 Hz, Long Loop
+1.0 to -1.5 dB; 3400 to 4000 Hz, Long Loop
Delay Distortion
< 200 μsec; 600 to 3200 Hz, Short and Long Loops
< 250 μsec; 200 to 4000 Hz, Short and Long Loops
Return Loss
> 6 dB ERL, > 5 dB SRL-L
> 3 dB SRL-H across frequency spectrum
> 2 dB SRL-H for single frequencies
Intermodulation Distortion
≥ 57 dB second order
≥ 60 dB second order
Longitudinal Balance (PSTN to Line port and Line port to PSTN;
> 58 dB; 200 to 1000 Hz
25mA DC bias with xDSL port shorted)
tip-to-ring Capacitance (POTS or PSTN port)
< 300 nF; 20 to 30 Hz
Capacitance-to-Ground (POTS or PSTN port)
< 1.0 nF; 20 to 30 Hz
xDSL Band Attenuation (input level = 1 dBm)
> 55 dB; 25 KHz to 30 MHz
Input Impedance (input level = 10 dBm)
< 0.25 dB; 30 to 1104 KHz
Mechanical
Splitter Weight:
2.4 oz. (68g)
Environmental
Relative Humidity
0 to 95%, non-condensing
Video: Upstream and downstream CRC's
≤ 1
Safety and Compliance
UL / CSA 60950, FCC CFR 47 Part 68, IC CS-03
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX139.A (02/12)
Connectors: screw terminals for LINE/DSL and PHONE RJ11 Jacks for DSL and PHONE
Splitter Dimensions: Height: 4.6in. (116mm), Width: 2.8in. (71.3mm), Depth: 1.6in. (30mm)
PULSE Certified to be Video-Grade and compliant to Broad Band Forum TR127



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com