Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7906F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7906F
Description  1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7906F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7906F Datasheet HTML 1Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 2Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 3Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 4Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 5Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 7Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 8Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2002. 9. 24
1/14
SEMICONDUCTOR
TECHNICAL DATA
KIA7905F~KIA7924F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 2
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
-5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V.
FEATURES
Suitable for C-MOS, TTL, and the other digital IC power supply.
Internal thermal overload protecting.
Internal short circuit current limiting.
Output current in excess of 1.0A.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. GND
2. INPUT
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7905F
KIA7915F
VIN
-35
V
KIA7918F
KIA7924F
-40
Power Dissipation (Tc=25 )
PD
12
W
Power Dissipation (Without Heatsink)
PD
1.3
W
Operating Junction Temperature
Tj
-30 150
Operating Temperature
Topr
-30 75
Storage Temperature
Tstg
-55 150


Similar Part No. - KIA7906F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7906F KEC-KIA7906F Datasheet
568Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7906F/PI KEC-KIA7906F/PI Datasheet
562Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7906F/PI KEC-KIA7906F/PI Datasheet
568Kb / 16P
SEMICONDUCTOR
More results

Similar Description - KIA7906F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5278LXX MITSUBISHI-M5278LXX Datasheet
282Kb / 8P
(5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
Output Current of 1A, Three-Terminal Negative Voltage Regulators
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
(5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
KIA Semiconductor Techn...
78L08 KIA-78L08 Datasheet
53Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 8V
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com