Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2054CS5 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology LTC2054CS5 Datasheet HTML 10Page - Linear Technology LTC2054CS5 Datasheet HTML 11Page - Linear Technology LTC2054CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC2054/LTC2054HV
2054f
APPLICATIONS INFORMATION
–
+
100k
–2.5V
2.5V
1k
OUTPUT
2
3
4
±3.75VP
SINE WAVE
7
6
LTC2054
2054 TA09
Voltage Follower with Input Exceeding the Common Mode Range
LTC2054 Extended
Common Mode Range
Extended Common Mode Range
The LTC2054 input stage is designed to allow nearly rail-
to-rail input common-mode signals. In addition, signals
that extend beyond the allowed input common-mode
range do not cause output inversion.
500
µs/DIV
AV = 1
RL = 100k
VS = ±2.5V
VIN = 500Hz 7.5VP-P
2054 G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com