Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD15S50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD15S50
Description  Field effect rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD15S50 Datasheet(HTML) 3 Page - STMicroelectronics

  FERD15S50 Datasheet HTML 1Page - STMicroelectronics FERD15S50 Datasheet HTML 2Page - STMicroelectronics FERD15S50 Datasheet HTML 3Page - STMicroelectronics FERD15S50 Datasheet HTML 4Page - STMicroelectronics FERD15S50 Datasheet HTML 5Page - STMicroelectronics FERD15S50 Datasheet HTML 6Page - STMicroelectronics FERD15S50 Datasheet HTML 7Page - STMicroelectronics FERD15S50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID025051 Rev 1
3/8
FERD15S50
Characteristics
8
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5)
0
2
4
6
8
10
12
02
46
8
10
12
14
16
18
20
PF(AV)(W)
T
d=tp/T
tp
IF(AV)(A)
d = 1
d = 0.2
d = 0.1
d = 0.5
d = 0.05
0
5
10
15
20
0
25
50
75
100
125
150
IF(AV)(A)
R
= R
th(j
th(j
-
-
a)
c)
T
d=tp/T
tp
Tamb (°C)
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Reverse leakage current versus
reverse voltage applied (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
PowerFLAT 5x6
tp(s)
Z th(j-c)/Rth(j- c)
IR(A)
m
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
T
j = 125 °C
T
j = 25 °C
VR(V)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Forward voltage drop versus forward
current (typical values)
C(pF)
100
1000
10000
1
10
100
F = 1MHz
V
osc = 30mVRMS
T
j = 25
°C
VR(V)
0.1
1.0
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IF (A)
Tj = 25°C
Tj = 125°C
VF(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com