Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD20M60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD20M60
Description  Field effect rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20M60 Datasheet(HTML) 1 Page - STMicroelectronics

  FERD20M60 Datasheet HTML 1Page - STMicroelectronics FERD20M60 Datasheet HTML 2Page - STMicroelectronics FERD20M60 Datasheet HTML 3Page - STMicroelectronics FERD20M60 Datasheet HTML 4Page - STMicroelectronics FERD20M60 Datasheet HTML 5Page - STMicroelectronics FERD20M60 Datasheet HTML 6Page - STMicroelectronics FERD20M60 Datasheet HTML 7Page - STMicroelectronics FERD20M60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
June 2015
DocID027193 Rev 2
1/8
FERD20M60
Field effect rectifier
Datasheet
- production data
Features
• ST proprietary process
• Stable leakage current over reverse voltage
• Low forward voltage drop
• High frequency operation
Description
This single rectifier is based on a proprietary
technology, enabling to achieve the best in class
VF/IR trade-off for a given silicon surface.
Packaged in TO-220AB and I²PAK, this device is
intended to be used in rectification and
freewheeling operations in switch-mode power
supplies.
Table 1. Device summary
Symbol
Value
IF(AV)
20 A
VRRM
60 V
Tj (max)
+175 °C
VF(typ)
0.30 V
www.st.com


Similar Part No. - FERD20M60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
256Kb / 16P
100 V, 20 A field-effect rectifier diode
22-Jun-2020
logo
Inchange Semiconductor ...
FERD20H100SB ISC-FERD20H100SB Datasheet
271Kb / 2P
Field-effect Rectifier Diode
logo
STMicroelectronics
FERD20H100SB-TR STMICROELECTRONICS-FERD20H100SB-TR Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
More results

Similar Description - FERD20M60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
Field effect rectifier
09-Jan-2015
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD15S50 STMICROELECTRONICS-FERD15S50 Datasheet
144Kb / 8P
Field effect rectifier
09-Oct-2013
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD20U60DJFD STMICROELECTRONICS-FERD20U60DJFD Datasheet
330Kb / 8P
Field effect rectifier
27-Sep-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com