Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30SM100S Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD30SM100S
Description  Reduce leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30SM100S Datasheet(HTML) 1 Page - STMicroelectronics

  FERD30SM100S Datasheet HTML 1Page - STMicroelectronics FERD30SM100S Datasheet HTML 2Page - STMicroelectronics FERD30SM100S Datasheet HTML 3Page - STMicroelectronics FERD30SM100S Datasheet HTML 4Page - STMicroelectronics FERD30SM100S Datasheet HTML 5Page - STMicroelectronics FERD30SM100S Datasheet HTML 6Page - STMicroelectronics FERD30SM100S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
January 2015
DocID027344 Rev 1
1/7
FERD30SM100S
Field effect rectifier
Datasheet
- production data
Features
• ST proprietary process
• Reduce leakage current
• Low forward voltage drop
• High frequency operation
• ECOPACK®2 compliant component
Description
The FERD30SM100S is based on a proprietary
technology that achieves the best in class VF/IR
trade-off for a given silicon surface.
This 100 V rectifier has been optimized for use in
confined applications where both efficiency and
thermal performance are key.
Table 1. Device summary
Symbol
Value
IF(AV)
30 A
VRRM
100 V
Tj (max)
+175 °C
VF(typ)
0.39 V
www.st.com


Similar Part No. - FERD30SM100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
Field effect rectifier
09-Jan-2015
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
FERD30SM100DJFTR STMICROELECTRONICS-FERD30SM100DJFTR Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF_V01 Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
More results

Similar Description - FERD30SM100S

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
logo
Good Will Instrument Co...
GLC-9000 GWINSTEK-GLC-9000 Datasheet
776Kb / 2P
LEAKAGE CURRENT TESTER
logo
MultiDimension Technolo...
TMR7401 MULTIDIMENSION-TMR7401 Datasheet
422Kb / 4P
Leakage Current Sensor
Nov-19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com