Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS100DL Datasheet(PDF) 1 Page - STMicroelectronics

Part # H3LIS100DL
Description  8-bit data output
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS100DL Datasheet(HTML) 1 Page - STMicroelectronics

  H3LIS100DL Datasheet HTML 1Page - STMicroelectronics H3LIS100DL Datasheet HTML 2Page - STMicroelectronics H3LIS100DL Datasheet HTML 3Page - STMicroelectronics H3LIS100DL Datasheet HTML 4Page - STMicroelectronics H3LIS100DL Datasheet HTML 5Page - STMicroelectronics H3LIS100DL Datasheet HTML 6Page - STMicroelectronics H3LIS100DL Datasheet HTML 7Page - STMicroelectronics H3LIS100DL Datasheet HTML 8Page - STMicroelectronics H3LIS100DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
April 2015
DocID027504 Rev 2
1/38
H3LIS100DL
MEMS motion sensor:
low-power high-g 3-axis digital accelerometer
Datasheet
- production data
Features
 Wide supply voltage, 2.16 V to 3.6 V
 Low-voltage compatible IOs, 1.8 V
 Ultra-low power consumption down to 10 μA in
low-power mode
 ±100 g full scale
 I2C/SPI digital output interface
 8-bit data output
 Sleep-to-wakeup function
 10000 g high shock survivability
 ECOPACK®, RoHS and “Green” compliant
Applications
 Shock detection
 Impact recognition and logging
Description
The H3LIS100DL is a low-power high-
performance 3-axis linear accelerometer
belonging to the “nano” family, with digital I2C/SPI
serial interface standard output.
The device features ultra-low-power operational
modes that allow advanced power saving and
smart sleep-to-wakeup functions.
The H3LIS100DL has a full scale of ±100 g and is
capable of measuring accelerations with output
data rates from 0.5 Hz to 400 Hz.
The H3LIS100DL is available in a small thin
plastic land grid array package (LGA) and is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
TFLGA 3x3x1.0 mm3 16L
Table 1. Device summary
Order codes
Temperature range [
C]
Package
Packaging
H3LIS100DLTR
-40 to +85
TFLGA 3x3x1.0 mm3 16L
Tape and reel
www.st.com


Similar Part No. - H3LIS100DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
H3LIS200DLTR STMICROELECTRONICS-H3LIS200DLTR Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
More results

Similar Description - H3LIS100DL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
8-Bit Voltage-Output
logo
List of Unclassifed Man...
ZN525 ETC1-ZN525 Datasheet
407Kb / 8P
8-BIT MULTIFUNCTION DATA CONVERTER
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
8 bit Address - 8 bit Data encoder/decoder
logo
Diodes Incorporated
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
8-bit calibrated output
logo
STMicroelectronics
ST72104GX STMICROELECTRONICS-ST72104GX Datasheet
2Mb / 141P
8-bit data manipulation
Rev. 3
logo
Micon Design Technology...
MDT13P02 MDTIC-MDT13P02_11 Datasheet
314Kb / 23P
8-bit data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com