Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS328DQ Datasheet(PDF) 13 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 9Page - STMicroelectronics IIS328DQ Datasheet HTML 10Page - STMicroelectronics IIS328DQ Datasheet HTML 11Page - STMicroelectronics IIS328DQ Datasheet HTML 12Page - STMicroelectronics IIS328DQ Datasheet HTML 13Page - STMicroelectronics IIS328DQ Datasheet HTML 14Page - STMicroelectronics IIS328DQ Datasheet HTML 15Page - STMicroelectronics IIS328DQ Datasheet HTML 16Page - STMicroelectronics IIS328DQ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID027250 Rev 3
13/40
IIS328DQ
Mechanical and electrical specifications
40
2.4
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.0 V.
2.5
Terminology
2.5.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined, for example, by
applying a 1 g acceleration to it. As the sensor can measure DC accelerations, this can be
done easily by pointing the axis of interest towards the center of the Earth, noting the output
value, rotating the sensor by 180 degrees (pointing to the sky) and noting the output value
again. By doing so, a ±1 g acceleration is applied to the sensor. Subtracting the larger
output value from the smaller one, and dividing the result by 2, leads to the actual sensitivity
of the sensor. This value changes very little over temperature and also over time. The
sensitivity tolerance describes the range of sensitivity of a large population of sensors.
Table 7. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4
V
Vdd_IO
I/O pin supply voltage
-0.3 to 4
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, SDO/SA0)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 2.5 V)(1)
3000 g for 0.5 ms
10000 g for 0.1 ms
AUNP
Acceleration (any axis, unpowered)(1)
1. Design guarantee; characterization done at 1500 g/0.5 ms, 3000 g/0.3 ms, 10000 g/0.1 ms; tests under
these conditions have passed successfully.
3000 g for 0.5 ms
10000 g for 0.1 ms
TOP
Operating temperature range
-40 to +105
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
4 (HBM)
kV
1.5 (CDM)
kV
200 (MM)
V
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com