Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS225HB Datasheet(PDF) 8 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 4Page - STMicroelectronics LPS225HB Datasheet HTML 5Page - STMicroelectronics LPS225HB Datasheet HTML 6Page - STMicroelectronics LPS225HB Datasheet HTML 7Page - STMicroelectronics LPS225HB Datasheet HTML 8Page - STMicroelectronics LPS225HB Datasheet HTML 9Page - STMicroelectronics LPS225HB Datasheet HTML 10Page - STMicroelectronics LPS225HB Datasheet HTML 11Page - STMicroelectronics LPS225HB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Mechanical and electrical specifications
LPS225HB
8/47
DocID030115 Rev 2
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 3. Pressure and temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Pressure sensor characteristics
PTop
Operating temperature range
-40
+85
°C
PTfull
Full accuracy temperature range
0
+65
°C
Pop
Operating pressure range
260
1260
hPa
Pbits
Pressure output data
24
bits
Psens
Pressure sensitivity
4096
LSB/
hPa
PAccRel
Relative accuracy over pressure(2)
P = 800 - 1100 hPa
T = 25 °C
±0.1
hPa
PAccT
Absolute accuracy over temperature
Pop
T = 0 to 65 °C
After OPC(3)
±0.1
hPa
Pop
T = 0 to 65 °C
no OPC (3)
±1
Pnoise
RMS pressure sensing noise(4)
with embedded
filtering
0.0075
hPa
RMS
ODRPres
Pressure output data rate(5)
1
10
25
50
75
Hz
Temperature sensor characteristics
Top
Operating temperature range
-40
+85
°C
Tsens
Temperature sensitivity
100
LSB/°C
Tacc
Temperature absolute accuracy
T = 0 to 65 °C
±1.5
°C
ODRT
Output temperature data rate(5)
1
10
25
50
75
Hz
1. Typical specifications are not guaranteed.
2. Parameter not tested at final test
3. OPC: One-Point Calibration, see RPDS_L (18h), RPDS_H (19h).
4. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 50 measurements
at highest ODR and with LC_EN bit = 0, EN_LPFP = 1, LPFP_CFG = 1.
5. Output data rate is configured acting on ODR[2:0] in CTRL_REG1 (10h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com