Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2SD032 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2SD032
Description  Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SD032 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2SD032 Datasheet HTML 1Page - Panasonic Semiconductor MA2SD032 Datasheet HTML 2Page - Panasonic Semiconductor MA2SD032 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: October 2003
SKH00132AED
MA2SD32
Silicon epitaxial planar type
For super high speed switching
■ Features
• I
F(AV) = 200 mA rectification is possible.
• Small reverse current: I
R < 5 µA (at VR = 30 V)
■ Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Repetitive peak reverse voltage
VRRM
30
V
Forward current (Average)
IF(AV)
200
mA
Peak forward current
IFM
300
mA
Non-repetitive peak forward
IFSM
1A
surge current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current
IR1
VR
= 10 V
0.5
µA
IR2
VR = 30 V
5
Forward voltage
VF
IF = 200 mA
0.49
0.56
V
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
25
pF
Reverse recovery time *
trr
IF = IR = 100 mA
2
ns
Irr = 10 mA, RL = 100 Ω
■ Electrical Characteristics T
a
= 25°C ± 3°C
Marking Symbol: 8H
Unit: mm
0.80
+0.05
–0.03
0.60
+0.05
–0.03
0.12
+0.05
–0.02
0
+0
–0.05
0.30±0.05
0.01±0.01
1
2
5˚
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
3. Absolute frequency of input and output is 250 MHz
4. *: trr measurement circuit
1: Anode
2: Cathode
SSMini2-F1 Package
Note) * : The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)
90%
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
I
F
t
t
Bias Application Unit (N-50BU)
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form
Analyzer
(SAS-8130)
R
i = 50 Ω
V
R
A


Similar Part No. - MA2SD032

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SD10 PANASONIC-MA2SD10 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2SD19 PANASONIC-MA2SD19 Datasheet
77Kb / 3P
Silicon epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
Silicon epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
234Kb / 3P
Silicon epitaxial planar type For super high speed switching
MA2SD24 PANASONIC-MA2SD24_13 Datasheet
234Kb / 3P
Silicon epitaxial planar type For super high speed switching
More results

Similar Description - MA2SD032

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
Schottky Barrier Diodes (SBD)
XN09D57 PANASONIC-XN09D57 Datasheet
101Kb / 4P
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
MA27D30 PANASONIC-MA27D30 Datasheet
84Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
XN09D58 PANASONIC-XN09D58 Datasheet
102Kb / 4P
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
MA4ZD03 PANASONIC-MA4ZD03 Datasheet
82Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
XN09D61 PANASONIC-XN09D61 Datasheet
107Kb / 5P
Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
logo
SEMTECH ELECTRONICS LTD...
LL700 SEMTECH_ELEC-LL700 Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
RB441Q-40 SEMTECH_ELEC-RB441Q-40 Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com