Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISV021V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-ISV021V1
Description  Energy harvesting demonstration kit based on SPV1050
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISV021V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ISV021V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISV021V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8
1
U2
SPV1050
ST
Harvester and thin film
battery manager
9
1
C6
1 µF
15%
25 V
X5R
0603
Murata
GRM188R61E105KA12D
Input capacitance
10
1
Rmpp
10 M
Ω
1%
0.1
0603
VISHAY
CRCW060310M0FKEA
Resistor partitioning for
MPP track
11
1
Rmpps
680 k
Ω
1%
0.1
0603
TE
Connectivity
CRG0603F680K
Resistor partitioning for
MPP setting
12
1
Rin
3 M
Ω
0.01
0603
VISHAY
CRCW06033M00FKEA
Input resistor partitioning
13
1
C34
10 nF
15%
16 V
X7R
0603
Murata
GRM188R71C103KA01D
Voltage sampling time
constant capacitance
14
1
L1
22 µH
20%
Coilcraft
LPS4018-223ML_
LPS5010-223ML_
XFL2006-223ME_
DC-DC inductor
15
1
SW1
3-way
switch
Pitch
100 mils
SMD
FCI
95293-101-04LF
Close 1 - 2, LDO1 is
disabled
Close 2 - 3, LDO1
controlled by external
signal
16
1
C5
100 nF
10%
6.3 V
X5R
0402
AVX
04026D104KAT2A
17
1
SW2
3-way
switch
Pitch
100 mils
SMD
FCI
95293-101-04LF
Close 1 - 2, LDO2 is
disabled
Close 2 - 3, LDO2
controlled by external
signal
18
1
C4
100 nF
10%
6.3 V
X5R
0402
AVX
04026D104KAT2A
Table 1. Harvesting module BOM (continued)
Sect. Item Qty.
Ref.
Part/value
Tolerance
(%)
Voltage
current
Watt
Technol.
info.
Package Manufacturer
Manufacturer code
More information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com