Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-LLL001V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-LLL001V1
Description  RoHS compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-LLL001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL001V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2016
DocID029803 Rev 2
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-LLL001V1
STLED524 evaluation kit (5 x 24 matrix LED display driver)
Data brief
Features
Operating input voltage from 2.7 V to 5.5 V
Drives 5 x 24 LED matrix
Luminance separately adjustable for each
LED by internal registers in 255 steps
Internal registers capable of storing two
patterns
4-way scroll function with a possibility to lock
column data
255-step PWM dimming
SPI interface
Integrated step-up converter with adjustable
output voltage
Integrated LDO with 3.1 V output at 80 mA
CSP 56 bumps 0.4 mm pitch 3.4 x 3.0 mm
RoHS compliant
Description
The STEVAL-LLL001V1 board is designed to
demonstrate the features of the STLED524
intelligent matrix LED display driver with a 5 x 24
matrix of SMD white LEDs incorporated on the
board.
Two boards can also be joined using the on-
board connectors to drive a 10 x 24 LED matrix.
The board is driven by the USB control board for
interface with the graphical user interface (GUI),
but there is also an SPI interface connector on
the STEVAL-LLL001V1 which can be used for
customized control.


Similar Part No. - STEVAL-LLL001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-LLL005V1 STMICROELECTRONICS-STEVAL-LLL005V1 Datasheet
366Kb / 6P
60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
Rev 1 - January 2018
STEVAL-LLL009V1 STMICROELECTRONICS-STEVAL-LLL009V1 Datasheet
1Mb / 12P
300 W very high AC input voltage LED driver with digital power control
Rev 1 - November 2020
More results

Similar Description - STEVAL-LLL001V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com