Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-MKI092V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-MKI092V2
Description  LIS331HH adapter board for standard DIL24 socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI092V2 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI092V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI092V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI092V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI092V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI092V2
2/4
DocID029895 Rev 1
1
Schematic diagram
Figure 1: STEVAL-MKI092V2 adapter board circuit schematic
1
2
3
4
5
6
7
8
9
1
0
1
1
12
Heade
r
12
J
P1
24
2
3
2
2
21
20
19
18
17
16
15
14
13
H
eader 12
JP2
+
10µF
C2
100nF
C
1
P01
P02
P
03
P04
P
0
5
P0
6
P07
P08
P09
P10
P11
3
1
P
2
1
P
P1
4
P15
P1
6
P17
P18
P1
9
P20
P21
P22
P23
P2
4
5
1
P
3
1
P
P14
P20
3
1
P
2
0
P
P13
P
01
Vdd_
IO
1
SCL
4
Re
served
1
0
G
N
D
1
3
In
t2
9
I
nt1
11
GND
5
G
ND
1
2
NC
2
NC
3
U1
0R
R1
GSPG2010161020SG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com