Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS486SXF Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button NS486SXF Datasheet HTML 16Page - National Semiconductor (TI) NS486SXF Datasheet HTML 17Page - National Semiconductor (TI) NS486SXF Datasheet HTML 18Page - National Semiconductor (TI) NS486SXF Datasheet HTML 19Page - National Semiconductor (TI) NS486SXF Datasheet HTML 20Page - National Semiconductor (TI) NS486SXF Datasheet HTML 21Page - National Semiconductor (TI) NS486SXF Datasheet HTML 22Page - National Semiconductor (TI) NS486SXF Datasheet HTML 23Page - National Semiconductor (TI) NS486SXF Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
30 Device Specifications (Continued)
3144 AUXILIARY PROCESSOR INTERFACE
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb6 mA on EACK
24
V
IOH eb4 mA on DRV EREQ
VOL
Output Low Voltage
IOL e 6 mA on EACK
04
V
IOL e 4 mA on DRV EREQ
3145 HP-SIRUART
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb100 mAVCC b 02
V
IOH eb6 mA on Tx UCLK Rx
24
V
VOL
Output Low Voltage
IOL e 100 mA
02
V
IOL e 6 mA on Tx UCLK Rx
04
V
3146 EXTERNAL BUS CONTROL
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb12 mA on
IOR IOW MEMR MEMW
RESET RESET CS16 BHE
24
V
CS16 - min 10 kX pullup
VOL
Output Low Voltage
IOL e 12mA on
IOR IOW MEMR MEMW
04
V
RESET RESET CS16 BHE
3147 OSCILLATOR (CPUX1CLK)
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb12 mA on SYSCLK
24
V
VOL
Output Low Voltage
IOL e 12 mA on SYSCLK
04
V
VIH
OSCX1 Input High Voltage
24
OSCX2 is
the output
VIL
OSCX2 Input Low Voltage
04
V
3148 LCD INTERFACE
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb26 mA on
VCC b 08
V
CMOS Level
LCD 30 CL1 CL2 CLF
VOH
Output High Voltage
IOH eb6mAon
24
V
TTl Level
LCD 30 CL1 CL2 CLF
VOL
Output Low Voltage
IOL e 6mAon
04
V
LCD 30 CL1 CL2 CLF
http
www nationalcom
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com