Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV702 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV702 Datasheet(HTML) 2 Page - Texas Instruments

  TLV702 Datasheet HTML 1Page - Texas Instruments TLV702 Datasheet HTML 2Page - Texas Instruments TLV702 Datasheet HTML 3Page - Texas Instruments TLV702 Datasheet HTML 4Page - Texas Instruments TLV702 Datasheet HTML 5Page - Texas Instruments TLV702 Datasheet HTML 6Page - Texas Instruments TLV702 Datasheet HTML 7Page - Texas Instruments TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
Table of Contents
8.1
Application Information............................................ 13
1
Features .................................................................. 1
8.2
Typical Application .................................................. 13
2
Applications ........................................................... 1
9
Power Supply Recommendations ...................... 15
3
Description ............................................................. 1
9.1
Power Dissipation ................................................... 15
4
Revision History..................................................... 2
10
Layout................................................................... 15
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 15
6
Specifications......................................................... 4
10.2
Layout Examples................................................... 15
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Thermal Consideration.......................................... 16
6.2
ESD Ratings ............................................................ 4
10.4
Package Mounting ................................................ 16
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 17
6.4
Thermal Information .................................................. 4
11.1
Device Support .................................................... 17
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 17
6.6
Typical Characteristics .............................................. 6
11.3
Related Links ........................................................ 17
7
Detailed Description ............................................ 10
11.4
Trademarks ........................................................... 18
7.1
Overview ................................................................. 10
11.5
Electrostatic Discharge Caution ............................ 18
7.2
Functional Block Diagrams ..................................... 10
11.6
Glossary ................................................................ 18
7.3
Feature Description................................................. 11
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 12
Information ........................................................... 18
8
Application and Implementation ........................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2011) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed Pin Configuration and Functions section; updated table format ............................................................................ 3
•
Deleted Ordering Information table ....................................................................................................................................... 3
•
Changed "free-air temperature" to "junction temperature" in Absolute Maximum Ratings condition statement ................... 4
•
Changed Thermal Information table; updated thermal resistance values for all packages .................................................. 4
•
Deleted Dissipation Ratings table .......................................................................................................................................... 4
•
Changed VDO dropout voltage test conditions; deleted IOUT = 50 mA and IOUT = 100 mA with VOUT = 2.8 V test
parameters ............................................................................................................................................................................. 5
•
Deleted EVM Dissipation Ratings table ............................................................................................................................... 16
Changes from Revision A (October 2010) to Revision B
Page
•
Added SON-6 (DSE) package and related references to data sheet..................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com