Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C925 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C925
Description  4-Digit Counters with Multiplexed 7-Segment Output Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C925 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74C925 Datasheet HTML 1Page - National Semiconductor (TI) MM74C925 Datasheet HTML 2Page - National Semiconductor (TI) MM74C925 Datasheet HTML 3Page - National Semiconductor (TI) MM74C925 Datasheet HTML 4Page - National Semiconductor (TI) MM74C925 Datasheet HTML 5Page - National Semiconductor (TI) MM74C925 Datasheet HTML 6Page - National Semiconductor (TI) MM74C925 Datasheet HTML 7Page - National Semiconductor (TI) MM74C925 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5919
March 1988
MM74C925 MM74C926 MM74C927 MM74C928
4-Digit Counters with Multiplexed
7-Segment Output Drivers
General Description
These CMOS counters consist of a 4-digit counter an inter-
nal output latch NPN output sourcing drivers for a 7-seg-
ment display and an internal multiplexing circuitry with four
multiplexing outputs The multiplexing circuit has its own
free-running oscillator and requires no external clock The
counters advance on negative edge of clock A high signal
on the Reset input will reset the counter to zero and reset
the carry-out low A low signal on the Latch Enable input will
latch the number in the counters into the internal output
latches A high signal on Display Select input will select the
number in the counter to be displayed a low level signal on
the Display Select will select the number in the output latch
to be displayed
The MM74C925 is a 4-decade counter and has Latch En-
able Clock and Reset inputs
The MM74C926 is like the MM74C925 except that it has a
display select and a carry-out used for cascading counters
The carry-out signal goes high at 6000 goes back low at
0000
The MM74C927 is like the MM74C926 except the second
most significant digit divides by 6 rather than 10 Thus if the
clock input frequency is 10 Hz the display would read
tenths of seconds and minutes (ie 9599)
The MM74C928 is like the MM74C926 except the most sig-
nificant digit divides by 2 rather than 10 and the carry-out is
an overflow indicator which is high at 2000 and it goes back
low only when the counter is reset Thus this is a 3
-digit
counter
Features
Y
Wide supply voltage range
3V to 6V
Y
Guaranteed noise margin
1V
Y
High noise immunity
045 VCC (typ)
Y
High segment sourcing current
40 mA
VCC b 16V VCC e 5V
Y
Internal multiplexing circuitry
Design Considerations
Segment resistors are desirable to minimize power dissipa-
tion and chip heating The DS75492 serves as a good digit
driver when it is desired to drive bright displays When using
this driver with a 5V supply at room temperature the display
can be driven without segment resistors to full illumination
The user must use caution in this mode however to prevent
overheating of the device by using too high a supply voltage
or by operating at high ambient temperatures
The input protection circuitry consists of a series resistor
and a diode to ground Thus input signals exceeding VCC
will not be clamped This input signal should not be allowed
to exceed 15V
Connection Diagrams
Dual-In-Line Package
TLF5919 – 1
Top View
Order Number MM74C925
Dual-In-Line Package
TLF5919 – 2
Top View
Order Number MM74C926
MM74C927 or MM74C928
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74C925

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925 Datasheet
97Kb / 9P
4-Digit Counters with Multiplexed
MM74C925 FAIRCHILD-MM74C925 Datasheet
103Kb / 8P
4-Digit Counters with Multiplexed
MM74C925N FAIRCHILD-MM74C925N Datasheet
97Kb / 9P
4-Digit Counters with Multiplexed
MM74C925N FAIRCHILD-MM74C925N Datasheet
103Kb / 8P
4-Digit Counters with Multiplexed
MM74C925 FAIRCHILD-MM74C925_04 Datasheet
103Kb / 8P
4-Digit Counters with Multiplexed
More results

Similar Description - MM74C925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4026B STMICROELECTRONICS-HCC4026B Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925 Datasheet
97Kb / 9P
4-Digit Counters with Multiplexed
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
ADD3701 NSC-ADD3701 Datasheet
297Kb / 10P
3 3/4 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925_04 Datasheet
103Kb / 8P
4-Digit Counters with Multiplexed
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
Digit and/or segment drivers
August 31, 1994
logo
Toshiba Semiconductor
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com