Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70233DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70233DBVT
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70233DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV70233DBVT Datasheet HTML 1Page - Texas Instruments TLV70233DBVT Datasheet HTML 2Page - Texas Instruments TLV70233DBVT Datasheet HTML 3Page - Texas Instruments TLV70233DBVT Datasheet HTML 4Page - Texas Instruments TLV70233DBVT Datasheet HTML 5Page - Texas Instruments TLV70233DBVT Datasheet HTML 6Page - Texas Instruments TLV70233DBVT Datasheet HTML 7Page - Texas Instruments TLV70233DBVT Datasheet HTML 8Page - Texas Instruments TLV70233DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLV702xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
1 Features
3 Description
The TLV702 series of low-dropout (LDO) linear
1
•
Very Low Dropout:
regulators are low quiescent current devices with
–
37 mV at IOUT = 50 mA, VOUT = 2.8 V
excellent line and load transient performance. These
–
75 mV at IOUT = 100 mA, VOUT = 2.8 V
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
–
220mV at IOUT = 300 mA, VOUT = 2.8 V
overall 2% accuracy. Low output noise, very high
•
2% Accuracy
power-supply rejection ratio (PSRR), and low-dropout
•
Low IQ: 35 μA
voltage make this series of devices ideal for a wide
selection of battery-operated handheld equipment. All
•
Fixed-Output Voltage Combinations Possible from
device versions have thermal shutdown and current
1.2 V to 4.8 V
limit for safety.
•
High PSRR: 68 dB at 1 kHz
Furthermore, these devices are stable with an
•
Stable With Effective Capacitance of 0.1
μF(1)
effective output capacitance of only 0.1
μF. This
•
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
•
Packages: 5-Pin SOT-23 and 1.5-mm × 1.5-mm,
that have higher bias voltages and temperature
6-Pin WSON
derating. The devices regulate to specified accuracy
with no output load.
(1)
See the Input and Output Capacitor Requirements in
Application Information.
The TLV702P series also provides an active pulldown
circuit to quickly discharge the outputs.
2 Applications
The TLV702 series of LDO linear regulators are
•
Wireless Handsets
available in SOT23-5 and 1.5-mm × 1.5-mm SON-6
•
Smart Phones
packages.
•
ZigBee® Networks
Device Information(1)
•
Bluetooth® Devices
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Li-Ion Battery-Operated Handheld Products
SOT-23 (5)
2.90 mm × 1.60 mm
TLV702
•
WLAN and Other PC Add-on Cards
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV70233DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70233DBVT TI1-TLV70233DBVT Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70233DBVT TI1-TLV70233DBVT Datasheet
1Mb / 28P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70233DBVT TI1-TLV70233DBVT Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV70233DBVT TI1-TLV70233DBVT Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70233DBVT TI2-TLV70233DBVT Datasheet
892Kb / 37P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
REVISED JULY 2019
More results

Similar Description - TLV70233DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70235DBVT TI1-TLV70235DBVT Datasheet
1Mb / 28P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI1-TLV70018-Q1_16 Datasheet
1Mb / 24P
300-mA, Low-IQ Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com