Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70233PDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70233PDBVT
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70233PDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV70233PDBVT Datasheet HTML 1Page - Texas Instruments TLV70233PDBVT Datasheet HTML 2Page - Texas Instruments TLV70233PDBVT Datasheet HTML 3Page - Texas Instruments TLV70233PDBVT Datasheet HTML 4Page - Texas Instruments TLV70233PDBVT Datasheet HTML 5Page - Texas Instruments TLV70233PDBVT Datasheet HTML 6Page - Texas Instruments TLV70233PDBVT Datasheet HTML 7Page - Texas Instruments TLV70233PDBVT Datasheet HTML 8Page - Texas Instruments TLV70233PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
OUT
NC
IN
GND
EN
1
2
3
5
4
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV702
www.ti.com
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
5 Pin Configuration and Functions
DBV Package
DSE Package
5-Pin SOT-23
6-Pin WSON
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
WSON
Input pin. A small, 1-
μF ceramic capacitor is recommended from this pin to ground to
IN
1
1
I
assure stability and good transient performance. See Input and Output Capacitor
Requirements in Application Information for more details.
GND
2
2
—
Ground pin
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts
the regulator into shutdown mode and reduces operating current to 1
μA, nominal.
EN
3
6
I
For TLV702P, output voltage is discharged through an internal 120-
Ω resistor when
device is shut down.
NC
4
4, 5
—
No connection. This pin can be tied to ground to improve thermal dissipation.
Regulated output voltage pin. A small, 1-
μF ceramic capacitor is needed from this pin
OUT
5
5
O
to ground to assure stability. See Input and Output Capacitor Requirements in
Application Information for more details.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com