| Electronic Components Datasheet Search |
|
MM5484V Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM5484V Datasheet(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 4 page ![]() Functional Description The MM5484 is designed to drive LED displays directly Se- rial data transfer from the data source to the display driver is accomplished with 3 signals DATA IN CLOCK and EN- ABLE The signal ENABLE acts as an envelope and only while this signal is at a logic ‘1’ do the circuits recognize the clock signal While ENABLE is high data on the serial data input is trans- ferred and shifted in the internal shift register on the rising clock edge ie a logic ‘0’ to logic ‘1’ transition When the ENABLE signal goes to a low (logic zero state) the contents of the shift register is latched and the display will show the new data While new data is being loaded into the SR the display will continue to show the old data For the MM5484 data is output from the serial DATA OUT pin on the falling edge of clock so cascading is made simple with race hazards eliminated When the chip first powers on an internal power on reset signal is generated which resets the SR and latches to zero so that the display will be off Timing Diagram TLF6141 – 5 FIGURE 3 Physical Dimensions inches (millimeters) Molded Dual-In-Line Package (N) Order Number MM5484N NS Package Number N22A 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |