Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC620 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
9
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Power Loss vs. Output Voltage
Fig. 13 - Driver Supply Current vs. Driver Supply Voltage
Fig. 14 - Driver Supply Current vs. Output Current
Fig. 15 - Power Loss vs. Output Inductor
Fig. 16 - Driver Supply Current vs. Switching Frequency
Fig. 17 - UVLO Threshold vs. Temperature
0.8
0.9
1
1.1
1.2
1.3
0.5
1
1.5
2
2.5
3
3.5
Output Voltage, V
OUT (V)
I
OUT = 30 A
5
10
15
20
25
30
35
40
45
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, V
DRV &VCIN (V)
I
OUT = 0 A
1 MHz
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
0
5
10
15
20
25
30
35
40
45
50
55
Output Current, IOUT(A)
300 kHz
I
OUT = 30 A
0.97
0.98
0.99
1
1.01
200
250
300
350
400
450
500
Output Inductor, L
OUT (nH)
I
OUT = 0 A
0
5
10
15
20
25
30
35
40
45
50
300
400
500
600
700
800
900
1000
Switching frequency, f
s (kHz)
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
UVLO_FALLING
V
UVLO_RISING
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com