Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV412-0010 Datasheet(PDF) 3 Page - SICK AG

Part # CLV412-0010
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV412-0010 Datasheet(HTML) 3 Page - SICK AG

  CLV412-0010 Datasheet HTML 1Page - SICK AG CLV412-0010 Datasheet HTML 2Page - SICK AG CLV412-0010 Datasheet HTML 3Page - SICK AG CLV412-0010 Datasheet HTML 4Page - SICK AG CLV412-0010 Datasheet HTML 5Page - SICK AG CLV412-0010 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLV412-0010 | CLV41x
BAR CODE SCANNERS
2016-03-11 19:18:10 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3
Optical indicators
4 LEDs (function indicator)
Acoustic indicators
Beeper/buzzer (can be switched off, can be allocated as a result indication function)
Mechanics/electronics
Electrical connection
1 x 15-pin D-Sub HD male connector (0.9 m)
Operating voltage
5 V DC ... 30 V DC 1)
Power consumption
3 W
Housing
Die-cast zinc, does not contain paint wetting impairment substances
Housing color
Light blue (RAL 5012)
Enclosure rating
IP 65 (DIN 40 050)
Protection class
III (IEC 1010-1)
Weight
250 g, with connecting cable
Dimensions (L x W x H)
59 mm x 62.7 mm x 35.2 mm
1) UL certified for use with a Class 2 mains supply unit (checked to UL 1310)
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-3 / EN 61000-6-2
Vibration resistance
IEC 68-2-6 Test FC
Shock resistance
IEC 68-2-27 Test EA
Ambient operating temperature
0 °C ... +40 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
± 90 %, Non-condensing
Ambient light immunity
2,000 lx, on bar code
Bar code print contrast (PCS)
≥ 60 %
General notes
Life cycle phase
Discontinued



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com